Part Number Hot Search : 
SMCJ13 124EC BDY58 78L05 00146 2SC5646A IDT74FC 33SA70G
Product Description
Full Text Search
 

To Download AV2432B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APLUS
GENERAL DESCRIPTION:
AVxxx-TGx8 Series
The AV0332C, AV0632E, AV0932B, AV0932C, AV1232D, AV1832C, AV2432B, AV3032, AV4232,is a single-chip synthesizing CMOS VLSI that can synthesize voice up to 3,6,9,12,18,24,30,42 seconds ,using APLUS qualified coding algorithm (LOGPCM).Customer speech data will be edited and programmed into ROM by changing one mask during the device fabrication.
FEATURES:
1. Single power supply can operate from 2.4v through 5v. 2. The total voice duration is about 3, 6, 9, 12, 18, 24, 30, 42 seconds could be partitioned up to 32 voice sections . each voice section could have 4 playing_length , the longest one is the original voice+mute length . 3. Voice + mute length could up to 22 seconds ( 6k sample rate ) for each voice section . 4. One 255 voice-steps table ,could be partitioned up to 32 groups of voice-step . For each voice-step, could specify one length of one voice section and one of 5 levels playback speed and STS1,STS2,STS3, STS4 enable options . playback speed : 1>4.3k ; 2>5k ; 3>6k ; 4>7.5k ; 5>10khz . STS4,3,2,1 enable options : each with one control bit . ( dec to bin ; '0' -> enable , '1' -> disable ) 5. Three mask option trigger input mode : MATRIX , ALONE ( with mode selection ,priority and debounce ) one mode control input 'MODE' , could be used as mode selection or STS4 . ( mask option ) MATRIX : 4x4 matrix inputs ; M1-- M16 ( MODE=0 -> subtable1 - 16 ; MODE=1 -> subtable17 - 32 ) priority : M1>M2>M3>M4 ; M5>M6>M7>M8 ; M9>M10>M11>M12 ; M13>M14>M15>M16 . debounce : 11ms or 1ms . ALONE : 8 alone inputs ; A1 -- A8 ( MODE=0 -> subtable1 - 8 ; MODE=1 -> subtable9 - 16 ) each input could be one of 3 resistive type input : 1>10Mohm to GND ; 2>schmitt (270k - 1M) for CDS interface ; 3>schmitt ( 270k - 10M ) for CDS interface . A1 could be trigger input or control outputs ( COUT , PWM , STS ) enable ( '1' ) or disable ( '0' ) . priority : A1>A2>A3>A4>A5>A6>A7>A8 . debounce : 10ms or 50us If MODE/STS4 is in STS4 mode , MATRIX only ( subtable1 - 16 ) , ALONE only ( subtable1 - 8 ) In both mode , all the trigger input could be assign as different playing mode with following options : EDGE/LEVEL ; HOLD/UNHOLD ; RETRIGGER/IRRETRIGGER . CPU_INTERFACE : addressing access mode by input pulse count , in this mode A1 - A7 were disable ,could be access up to 32 subtables . 6. A8 or M16 could be mask_selected as NORMAL , SEQUENTIAL or CPU_INTERFACE . NORMAL : normal mode as in item 5 . SEQUENTIAL : could be mask_selected as combined with MODE input or not . If A8 or M16 is in SEQUENTIAL and combined with MODE input : MODE=1 -> the device will response by one subtable sequentially and cyclically , from subtable1 7 to user _specify end subtable. MODE=0 -> the device will response by one subtable sequentially and cyclically , from subtable 1 to user _specify end subtable. The number of subtables (used in sequence) in MODE=1 and MODE=0 must be equal ; this number must less than 16 . If A8 or M16 is in SEQUENTIAL and not combined with MODE input : The device will response by one subtable sequentially and cyclically , from subtable1 to user defined end subtable. The relationship between SEQUENTIAL ( A8/M16 ) and other inputs ( A1-A7 / M1-M15 ) could be mask_selected as RESET or UNRESET . RESET : once the other inputs were triggered the SEQUENTIAL sequence will reset to subtable 1. UNRESET : sequential sequence and other inputs are indenpent . 7. 4 OUT pins with following options : OUT1 : COUT or STS1 OUT2 : PWM1 or STS2 OUT3 : PWM2 or STS3 OUT4 : MODE or STS4 COUT has 3 current output levels : 1>1.5mA ; 2>3mA ; 3>4.5mA . ( full scale ; Vdd=3v ) PWM1 and PWM2 must be selected on the same time , can direct driving BUZZER or 8 or 32 or 64 ohm SPEAKER .
www.aplusinc.com.tw
Page 1 / 13
2002 Ver.2
APLUS
* STS1 a>cout b>stop high_pulse d>busy high_active f>led 6hz (flash at mute) h>led 1.5hz (flash at mute) j>led 6hz (off at mute ) l>led 1.5hz (off at mute ) n>led dybzl 0.34sec. p>led dybzl 1.02sec. r>busy low ,except mute c>stop low_pulse e>busy low_active g>led 3hz (flash at mute) i>led 0.75hz (flash at mute) k>led 3hz (off at mute) m>led 0.75hz (off at mute) o>led dybzl 0.68sec. q>busy high ,except mute
AVxxx-TGx8 Series
8. 4 status outputs ( STS1 , STS2 , STS3 , STS4 ) ,one mask option status output ( MODE/STS4 ) : FOR AV0332C, AV0632E, AV0932B, AV0932C, AV1232D, AV1832C, AV2432B, AV3032, AV4232. * STS2 a>pwm1 b>stop high_pulse d>busy high_active f>led 6hz (flash at mute) h>led 1.5hz (flash at mute) j>led 6hz (on at mute) l>led 1.5hz (on at mute) n>led 6hz (off at mute) p>led 1.5hz (off at mute) r>led dynamic 1/4 t>led dynamic 3/4 * STS4 a>mode b>stop high_pulse d>busy high_active f>led 6hz (flash at mute) h>led 1.5hz (flash at mute) j>led 6hz (on at mute) l>led 1.5hz (on at mute) n>led 6hz (off at mute) p>led 1.5hz (off at mute) r>led dynamic 1/4 t>led dynamic3/4
c>stop low_pulse e>busy low_active g>led 3hz (flash at mute) i>led 0.75hz (flash at mute) k>led 3hz (on at mute) m>led 0.75hz (on at mute) o>led 3hz (off at mute) q>led 0.75hz (off at mute) s>led dynamic 2/4
* STS3 a>pwm2 b>stop high_pulse c>stop low_pulse d>busy high_active e>busy low_active f>led 6hz (flash at mute) g>led 3hz (flash at mute) h>led 1.5hz (flash at mute) i>led 0.75hz (flash at mute) j>led 6hz (off at mute ) k>led 3hz (off at mute) l>led 1.5hz (off at mute ) m>led 0.75hz (off at mute) n>led dybzl 0.34sec. o>led dybzl 0.68sec. p>led dybzl 1.02sec. r>busy low ,except mute q>busy high ,except mute
c>stop low_pulse e>busy low_active g>led 3hz (flash at mute) i>led 0.75hz (flash at mute) k>led 3hz (on at mute) m>led 0.75hz (on at mute) o>led 3hz (off at mute) q>led 0.75hz (off at mute) s>led dynamic 2/4
If both STS1(STS3) and STS2(STS4) are in 6hz or 3hz mode ,they will flash alternatively . For STS1 and STS3 options , the DYBZL must selected same level . For STS2 and STS4 options , the DYNAMIC must selected same level . STS4 was enabled only when the MODE/STS4 is in STS4 option . For each voice_step , the STS1 , STS2 , STS3 , STS4 could be mask_selected as active or inactive. If select flash at mute of STS1(STS3) , can select 3hz or 1.5hz or 0.75hz . If select flash at mute of STS2(STS4) , can select 3hz or 1.5hz or 0.75hz . If both select off at mute of STS1(STS2,STS3,STS4) or on at mute of STS2(STS4) , can only select 3hz or 1.5hz or 0.75hz at the same level .
9. Automatic Rosc selection : ( mask option ) Enable - the device will use external Rosc if it has external Rosc ; the device will use internal Rosc automatically if it hasn't external Rosc . ( it must be determined before operation ) Disable - use external Rosc only . Internal Rosc options : one of 13 internal Rosc options with different playback speed .
For AV0332C , AV0632E, AV0932B, AV0932C, AV1232D, AV1832C, AV2432B, AV3032, AV4232:
playback speed=4.3khz -> a>8.9k ; b>8.6k ; c>7.9k ; i>4.7k ; j>4.3k ; k>4.1k playback speed=5.0khz -> a>10.3k ; b>10.0k ; c>9.2k ; i>5.5k ; j>5.0k ; k>4.8k playback speed=6.0khz -> a>12.4k ; b>12.0k ; c>11.0k ; i>6.6k ; j>6.0k ; k>5.7k playback speed=7.5khz -> a>15.5k ; b>15.0k ; c>13.8k ; i>8.3k ; j>7.5k ; k>7.1k playback speed=10khz -> a>20.7k ; b>20.0k ; c>18.3k ; i>11.0k ; j>10.0k ; k>9.5k d>7.0k ; ; l>3.9k d>8.2k ; ; l>4.6k d>9.8k ; ; l>5.5k d>12.3k ; ; l>6.9k d>16.3k ; ; l>9.2k e>6.3k ; f>5.8k ; g>5.4k ; ; m>3.6k hz . ( Vdd=3v ) e>7.3k ; f>6.8k ; g>6.3k ; ; m>4.2k hz . ( Vdd=3v ) e>8.8k ; f>8.1k ; g>7.5k ; ; m>5.0k hz . ( Vdd=3v ) e>11.0k ; f>10.1k ; g>9.4k ; ; m>6.3k hz . ( Vdd=3v ) e>14.7k ; f>13.5k ; g>12.5k ; m>8.3k hz . ( Vdd=3v ) h>5.1k ; h>5.9k ; h>7.1k ; h>8.9k ; ; h>11.8k ;
www.aplusinc.com.tw
Page 2 / 13
2002 Ver.2
APLUS
BLOCK DIAGRAM:
AVxxx-TGx8 Series
: AV0332C, AV0632E, AV0932B, AV0932C, AV1232D, AV1832C, AV2432B, AV3032, AV4232 CMOS VLSI ,LOGPCM3,6,9,12,18,24,30,42 ROM : 1. 2.4 - 5 2. 3,6,9,12,18,24,30,4232(section) (+) 3. (+) 22 (6kHz)
www.aplusinc.com.tw Page 3 / 13 2002 Ver.2
APLUS
AVxxx-TGx8 Series
4. 255(voice_step)32(sub_table) , , AUDIO, STS1STS2STS3 STS4 : 1>4.3k ; 2>5k ; 3>6k ; 4>7.5k ; 5>10k hz ( Vdd=3.0 ; Rosc=300kohm ) STS4,3,2,1 : ( '0' -> ; '1' -> ) 5. (MATRIX) (ALONE)(MODE ), CPU , `MODE/STS3'MODE STS4 ( )
4x4(M1 - M16) : M1>M2>M3>M4; M5>M6>M7>M8; M9>M10>M11>M12; M13>M14>M15>M16 (DEBOUNCE): 11ms-; 1ms- MODE: MODE=01 -16 MODE=117 -32 (1-8)(270K-1M) (CDS) A1>A2>A3>A4>A5>A6>A7>A8 (DEBOUNCE)10ms- 50us- MODEMODE=01-8 MODE=19-16 MODE STS4, (subtable 1-16) (subtable 1-8) 2, (): / (EDGE/LEVEL) ; / (HOLD/UNHOLD) ; / (RETRIGGER/IRRETRIGGER) CPUCOL4CPU. 6. A8M16(NORMAL)(SEQUENTIAL)CPU (NORMAL)A8M165: (SEQUENTIAL)'MODE' A).A8M16,'MODE' MODE=1 -> 17 (subtable 17) (subtable n ; n=17 - 32 ) MODE=0 -> 1 (subtable 1) (subtable n ; n=1 - 16 )
www.aplusinc.com.tw Page 4 / 13 2002 Ver.2
APLUS
AVxxx-TGx8 Series
MODE=1 ,MODE=0<16 A8M16,'MODE' 1 (subtable 1) (subtable n ; n=1-32 ) B) (A8M16) (A1-A7/M1-M15) (RESET),1 (UNRESET)
7. OUT1, OUT2, OUT3, MODE/STS4 OUT1 : COUTSTS1 OUT2 : PWM1STS2 OUT3 : PWM2STS3 MODE/STS4 : MODESTS4 COUT 3 : 1> 1.5mA ; 2> 3mA ; 3>4.5mA ( Vdd=3v , full scale ) PWM1, PWM2, buzzer 83264 ohm speaker 8. STS1,STS2,STS3STS4: STS1 A) COUT B) . C) . D) . E) . F) LED 6HZ(). G) LED 3HZ(). H) LED 1.5HZ(). I) LED 0.75HZ(). J) LED 6HZ(). K) LED 3HZ(). L) LED 1.5HZ(). M) LED 0.75HZ(). N) LED 0.34( ). O) LED 0.68( ). P) LED 1.02( ). Q) () . R) () . STS2 A) PWM1 B) . C) . D) . E) . F) LED 6HZ(). G) LED 3HZ(). H) LED 1.5HZ(). I) LED 0.75HZ(). J) LED 6HZ(). K) LED 3HZ(). L) LED 1.5HZ(). M) LED 0.75HZ(). N) LED 6HZ(). O) LED 3HZ(). P) LED 1.5HZ(). Q) LED 0.75HZ(). R) LED 1/4. S) LED 2/4. T) LED 3/4.
www.aplusinc.com.tw
Page 5 / 13
2002 Ver.2
APLUS
STS3
A) PWM2 B) . C) . D) E) F) LED 6HZ(). G) LED 3HZ(). H) LED 1.5HZ(). I) LED 0.75HZ(). J) LED 6HZ(). K) LED 3HZ(). L) LED 1.5HZ(). M) LED 0.75HZ(). N) LED 0.34( ). O) LED 0.68( ). P) LED 1.02( ). Q) () . R) () .
AVxxx-TGx8 Series
STS4
A) MODE B) . C) . D) . E) . F) LED 6HZ(). G) LED 3HZ(). H) LED 1.5HZ(). I) LED 0.75HZ(). J) LED 6HZ(). K) LED 3HZ(). L) LED 1.5HZ(). M)LED 0.75HZ(). N) LED 6HZ(). O) LED 3HZ(). P) LED 1.5HZ(). Q) LED 0.75HZ(). R) LED 1/4. S) LED 2/4. T) LED 3/4.
STS1(STS3)STS2(STS4)LED 6HZLED 3HZLED 1.5HZLED 0.75 HZ STS1STS3 LED( ) STS2STS4 LED STS1STS2STS3STS4( voice step) STS1(STS3) , 3HZ , 1.5HZ 0.75HZ. STS2(STS4) , 3HZ , 1.5HZ 0.75HZ. STS1( STS2,STS3,STS4 ) STS2( STS4) , 3HZ , 1.5HZ 0.75HZ. 9.() A). - () B). - C). ()
For AV0332C, AV0632E, AV0932B, AV0932C, AV1232D, AV1832C, AV2432B, AV3032, AV4232

A
B
C
D
E
F
G
H
I
J
K
L
M
4.3 5 6 7.5 10
8.9 10.3 12.4 15.5 20.7
8.6 10 12 15 20
7.9 9.2 11 13.8 18.3
7 8.2 9.8 12.3 16.3
6.3 7.3 8.8 11 14.7
5.8 6.8 8.1 10.1 13.5
5.4 6.3 7.5 9.4 12.5
5.1 5.9 7.1 8.9 11.8
4.7 5.5 6.6 8.3 11
4.3 5 6 7.5 10
4.1 4.8 5.7 7.1 9.5
3.9 4.6 5.5 6.9 9.2
3.6 4.2 5 6.3 8.3
www.aplusinc.com.tw
Page 6 / 13
2002 Ver.2
APLUS
PIN DESCRIPTION:
PAD NAME VDD,VDD1 OSC TEST MODE/STS4 ROW 1-4 COL 1-4 OUT1 OUT2 OUT3 GND,GND1 PIN ATTR. POWER I I I/O I/O I O O O POWER
AVxxx-TGx8 Series
FUNCTION POSITIVE POWER SUPPLY. OSCILLATOR INPUT (300K ohm CONNECT TO VDD). TEST PAD,FOR PRODUCTION TESTING (TEST HIGH FOR TESTING) I/O PAD , MODE : MODE SELECTION , STS4 : STATUS OUTPUT OUTPUT FOR MATRIX MODE ; INPUT FOR ALONE MODE TRIGGER INPUT , INTERNAL PULL LOW ( HIGH ACTIVE ) STATUS OUTPUT OR AUDIO ( CURRENT OUTPUT ) STATUS OUTPUT OR AUDIO ( PWM1 OUTPUT ) STATUS OUTPUT OR AUDIO ( PWM2 OUTPUT ) NEGATIVE POWER SUPPLY.
ABSOLUTE MAXIMUM RATING:
SYMBOL VDD~VSS VIN (FOR ALL INPUT) VOUT (FOR ALL OUTPUT) T (OPERATING) T (STORAGE) RATING -0.5~+7.0 VSS-0.3DC CHARACTERISTICS:
SYMBOL VDD Isb Iop Iih Iil Iih Iil Iih Iil Ioh Iol Icout PARAMETER OPERATING VOLTAGE SUPPLY CURRENT STANDBY OPERATING 0 0.3 0 0.5 0 -0.6 10 -1.2 -2.4 -3.6 8 -10 -10 -1.5 -3 -4.5 -0.6 10 -1.8 -3.6 -5.4 12 10 10 mA mA VDD=3V , V O/P=0V VDD=3V , V O/P=3V VDD=3V, V O/P=0.7V uA VDD=3V uA VDD=3V MIN. 2.4 TYP. 3 MAX. 5 0.1 200 5 uA UNIT V uA CONDITION VDD=3V ,I/O OPEN (WITH Rosc) VDD=3V
INPUT CURRENT ROW1-4, COL1-4 IN ALONE MODE ( SCHMITT 270K - 1M ) INPUT CURRENT ROW1-4, COL1-4 IN ALONE MODE ( SCHMITT 270K - 10M ) INPUT CURRENT MODE INPUT MATRIX MODE ( ROW 1 - 4 ) OUTPUT CURRENT OUT1 USE AS CURRENT OUT (FULL SCALE) OUT1,OUT2,OUT3 USE AS STATUS OUTPUT DURING OPERATING FREQUENCY STABILITY Fosc VARIATION
Ioh Iol dF/F dF/F
mA
VDD=3V, V O/P=0V VDD=3V, V O/P=3V Fosc(3v)-Fosc(2.4v) Fosc(3v) VDD=3V,Rosc=300K
www.aplusinc.com.tw
Page 7 / 13
2002 Ver.2
APLUS
AVxxx-TGx8 Series
www.aplusinc.com.tw
Page 8 / 13
2002 Ver.2
APLUS
AVxxx-TGx8 Series
www.aplusinc.com.tw
Page 9 / 13
2002 Ver.2
APLUS
AVxxx-TGx8 Series
www.aplusinc.com.tw
Page 10 / 13
2002 Ver.2
APLUS
BONDING DIAGRAM:
AVxxx-TGx8 Series
DIE SIZE:
PRODUCT
AV0332C AV0632E AV0932B AV0932C AV1232D AV1832C AV2432B AV3032 AV4232
X 1320.0
Y 1700.0
PAD SIZE (um^2) 80 * 80
SUBSTRATE GND
UNIT um
1320.0 1320.0 1320.0 1320.0 1320.0 1300.0
1320.0
1850.0 2050.0 2210.0 2580.0 2930.0 3290.0
4030.0
80 * 80 80 * 80 80 * 80 80 * 80 80 * 80 80 * 80
80 * 80
GND GND GND GND GND GND
GND
um um um um um um
um
www.aplusinc.com.tw
Page 11 / 13
2002 Ver.2
APLUS
PIN NO. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 NAME VDD1 OSC COL4 COL3 COL2 COL1 ROW4 ROW3 ROW2 ROW1 OUT1 VDD OUT2 GND GND1 OUT3 TEST MODE/STS4 AV0332C X 190.71 50.38 -135.14 -265.79 -396.44 -527.09 -498.81 -498.81 -498.81 -368.16 -237.51 -69.19 107.45 261.11 341.71 495.37 524.1 393.45 Y 688.87 688.87 688.87 688.87 688.87 688.87 -350.81 -471.71 -688.87 -688.87 -688.87 -688.87 -619.97 -619.97 -619.97 -619.97 688.87 688.87 AV0632E X 190.71 50.38 -135.14 -265.79
AVxxx-TGx8 Series
AV0932B AV0932C X 190.71 50.38 -135.14 -265.79 -396.44 -527.09 -498.81 -498.81 -498.81 -368.16 -237.51 -69.19 107.45 261.11 341.71 495.37 524.1 393.45 Y 865.8 865.8 865.8 865.8 865.8 865.8 -527.7 -648.6 -865.8 -865.8 -865.8 -865.8 -796.9 -796.9 -796.9 -796.9 865.8 865.8 Y 766.7 766.7 766.7 766.7 766.7 766.7 -428.7 -549.6 -766.7 -766.6 -766.6 -766.6 -697.8 -697.8 -697.8 -697.8 766.6 766.6
-396.44 -527.09 -498.81
-498.81 -498.81 -368.16 -237.51 -69.19 107.45 261.11 341.71 495.37 524.1 393.45
PIN NO. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18
NAME VDD1 OSC COL4 COL3 COL2 COL1 ROW4 ROW3 ROW2 ROW1 OUT1 VDD OUT2 GND GND1 OUT3 TEST MODE/STS4
AV1232D X 190.71 50.38 -135.14 -265.79 -396.44 -527.09 -498.81 -498.81 -498.81 -368.16 -237.51 -69.19 107.45 261.11 341.71 495.37 524.1 393.45 Y 943.6 943.6 943.6 943.6 943.6 943.6 -605.5 -726.4 -943.6 -943.6 -943.6 -943.6 -874.7 -874.7 -874.7 -874.7 943.6 943.6
AV1832C X 190.71 50.38 -135.14 -265.79 -396.44 -527.09 -498.81 -498.81 -498.81 -368.16 -237.51 -69.19 107.45 261.11 341.71 495.37 524.1 393.45 Y 1130.0 1130.0 1130.0 1130.0 1130.0 1130.0 -791.9 -912.8 -1130.0 -1130.0 -1130.0 -1130.0 -1061.1 -1061.1 -1061.1 -1061.1 1130.0 1130.0
AV2432B X 190.71 50.38 -135.14 -265.79 -396.44 -527.09 -498.81 -498.81 -498.81 -368.16 -237.51 -69.19 107.45 261.11 341.71 495.37 524.1 393.45 Y 1306.9 1306.9 1306.9 1306.9 1306.9 1306.9 -968.8 -1089.7 -1306.9 -1306.9 -1306.9 -1306.9 -1238.0 -1238.0 -1238.0 -1238.0 1306.9 1306.9
www.aplusinc.com.tw
Page 12 / 13
2002 Ver.2
APLUS
PIN NO. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 NAME VDD1 OSC COL4 COL3 COL2 COL1 ROW4 ROW3 ROW2 ROW1 OUT1 VDD OUT2 GND GND1 OUT3 TEST MODE/STS4 X 190.71 50.38 -135.14 -265.79 -396.44 -527.09 -498.81 -498.81 -498.81 -368.16 -237.51 -69.19 107.45 261.11 341.71 495.37 524.1 393.45 AV3032 Y 1493.2 1493.2 1493.2 1493.2 1493.2 1493.2 -1155.1 -1276.0 -1493.2 -1493.2 -1493.2 -1493.2 -1424.3 -1424.3 -1424.3 -1424.3 1493.2 1493.2 X 190.71 50.38 -135.14 -265.79 -396.44 -527.09 -498.81 -498.81 -498.81 -368.16 -237.51 -69.19 107.45 261.11 341.71 495.37 524.1 393.45
AVxxx-TGx8 Series
AV4232
Y 1856.4 1856.4 1856.4 1856.4 1856.4 1856.4 -1518.34 -1665.24 -1856.4 -1856.4 -1856.4 -1856.4 -1787.5 -1787.5 -1787.5 -1787.5 1856.4
1856.4
www.aplusinc.com.tw
Page 13 / 13
2002 Ver.2


▲Up To Search▲   

 
Price & Availability of AV2432B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X